データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV128MH113REF データシート(PDF) 46 Page - Advanced Micro Devices

部品番号 AM29LV128MH113REF
部品情報  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128MH113REF データシート(HTML) 46 Page - Advanced Micro Devices

Back Button AM29LV128MH113REF Datasheet HTML 42Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 43Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 44Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 45Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 46Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 47Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 48Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 49Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
46
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
TEST CONDITIONS
Table 13.
Test Specifications
Note: If V
IO < VCC, the reference level is 0.5 VIO.
KEY TO SWITCHING WAVEFORMS
2.7 k
Ω
CL
6.2 k
Ω
3.3 V
Device
Under
Test
Note: Diodes are IN3064 or equivalent
Figure 12.
Test Setup
Test Condition
All Speeds
Unit
Output Load
1 TTL gate
Output Load Capacitance, C
L
(including jig capacitance)
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0.0–3.0
V
Input timing measurement
reference levels (See Note)
1.5
V
Output timing measurement
reference levels
0.5 VIO
V
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
3.0 V
0.0 V
1.5 V
0.5 VIO V
Output
Measurement Level
Input
Note: If V
IO < VCC, the input measurement reference level is 0.5 VIO.
Figure 13.
Input Waveforms and Measurement Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66