| データシートサーチシステム |
|
D162DB90PI データシート(PDF) 48 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
D162DB90PI データシート(HTML) 48 Page - Advanced Micro Devices |
|
48 / 57 page ![]() 50 Am29DL16xD 21533E5 December 1, 2006 D A TA SH EET AC CHARACTERISTICS Alternate CE# Controlled Erase and Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Speed Options JEDEC Std Description 70 80 90 120 Unit t AVAV t WC Write Cycle Time (Note 1) Min 70 80 90 120 ns t AVWL t AS Address Setup Time Min 0 ns tELAX tAH Address Hold Time Min 45 45 45 50 ns tDVEH tDS Data Setup Time Min 35 35 45 50 ns tEHDX tDH Data Hold Time Min 0 ns t GHEL t GHEL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns tWLEL tWS WE# Setup Time Min 0 ns tEHWH tWH WE# Hold Time Min 0 ns tELEH tCP CE# Pulse Width Min 30 30 45 50 ns tEHEL tCPH CE# Pulse Width High Min 30 30 30 30 ns tWHWH1 tWHWH1 Programming Operation (Note 2) Byte Typ 5 µs Word Typ 7 tWHWH1 tWHWH1 Accelerated Programming Operation, Word or Byte (Note 2) Typ 4 µs t WHWH2 t WHWH2 Sector Erase Operation (Note 2) Typ 0.7 sec |