| データシートサーチシステム |
|
AM29LV128ML123REF データシート(PDF) 44 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV128ML123REF データシート(HTML) 44 Page - Advanced Micro Devices |
|
44 / 66 page ![]() 44 Am29LV128MH/L 25270C7 January 31, 2007 D A TA SH EE T ABSOLUTE MAXIMUM RATINGS Storage Temperature Plastic Packages . . . . . . . . . . . . . . . –65 °C to +150°C Ambient Temperature with Power Applied. . . . . . . . . . . . . . –65 °C to +125°C Voltage with Respect to Ground V CC (Note 1) . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V V IO . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V A9, OE#, ACC, and RESET# (Note 2) . . . . . . . . . . . . . . . . . . . . –0.5 V to +12.5 V All other pins (Note 1) . . . . . . –0.5 V to V CC +0.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA Notes: 1. Minimum DC voltage on input or I/O pins is –0.5 V. Dur ing voltage transitions, input or I/O pins may overshoot V SS to –2.0 V for per iods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCC +0.5 V. See Figure 10. During voltage transitions, input or I/O pins may overshoot to V CC +2.0 V for periods up to 20 ns. See Figure 11. 2. Minimum DC input voltage on pins A9, OE#, ACC, and RESET# is –0.5 V. During voltage transitions, A9, OE#, ACC, and RESET# may overshoot V SS to –2.0 V for periods of up to 20 ns. See Figure 10. Maximum DC input voltage on pin A9, OE#, ACC, and RESET# is +12.5 V which may overshoot to +14.0 V for periods up to 20 ns. 3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability. OPERATING RANGES Industrial (I) Devices Ambient Temperature (T A) . . . . . . . . . . . . . . –40°C to +85°C Supply Voltages V CC (regulated voltage range) . . . . . . . . . . . . . . . . 3.0–3.6 V V CC (full voltage range) . . . . . . . . . . . . . . . . . . . . . 2.7–3.6 V VIO (Note 2) . . . . . . . . . . . . . . . . . . . . . . 1.65–3.6 V (Note 3) Notes: 1. Operating ranges define those limits between which the functionality of the device is guaranteed. 2. See “Ordering Information” on page 10 for valid V CC/VIO range combinations. The I/Os will not operate at 3V when VIO = 1.8V. 3. 100R parts have a V IO range from 2.7–3.6 V. 20 ns 20 ns +0.8 V –0.5 V 20 ns –2.0 V Figure 10. Maximum Negative Overshoot Waveform 20 ns 20 ns VCC +2.0 V VCC +0.5 V 20 ns 2.0 V Figure 11. Maximum Positive Overshoot Waveform |