データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41000002L データシート(PDF) 56 Page - Advanced Micro Devices

部品番号 M41000002L
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002L データシート(HTML) 56 Page - Advanced Micro Devices

Back Button M41000002L Datasheet HTML 52Page - Advanced Micro Devices M41000002L Datasheet HTML 53Page - Advanced Micro Devices M41000002L Datasheet HTML 54Page - Advanced Micro Devices M41000002L Datasheet HTML 55Page - Advanced Micro Devices M41000002L Datasheet HTML 56Page - Advanced Micro Devices M41000002L Datasheet HTML 57Page - Advanced Micro Devices M41000002L Datasheet HTML 58Page - Advanced Micro Devices M41000002L Datasheet HTML 59Page - Advanced Micro Devices M41000002L Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
September 5, 2002
Am41DL32x8G
55
PR ELI M I NARY
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#f
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SADD for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. D
OUT is the data written to the device.
4. Waveforms are for the word mode.
Figure 27.
Flash Alternate CE#f Controlled Write (Erase/Program) Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66