データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41000002M データシート(PDF) 49 Page - Advanced Micro Devices

部品番号 M41000002M
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002M データシート(HTML) 49 Page - Advanced Micro Devices

Back Button M41000002M Datasheet HTML 45Page - Advanced Micro Devices M41000002M Datasheet HTML 46Page - Advanced Micro Devices M41000002M Datasheet HTML 47Page - Advanced Micro Devices M41000002M Datasheet HTML 48Page - Advanced Micro Devices M41000002M Datasheet HTML 49Page - Advanced Micro Devices M41000002M Datasheet HTML 50Page - Advanced Micro Devices M41000002M Datasheet HTML 51Page - Advanced Micro Devices M41000002M Datasheet HTML 52Page - Advanced Micro Devices M41000002M Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
48
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
AC CHARACTERISTICS
Figure 19.
Accelerated Program Timing Diagram
OE#
WE#
CE#f
VCCf
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tGHWL
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
otes:
. PA = program address, PD = program data, D
OUT is the true data at the program address.
. Illustration shows device in word mode.
Figure 18.
Program Operation Timings
WP#/ACC
tVHH
VHH
VIL or VIH
VIL or VIH
tVHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66