データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41000002P データシート(PDF) 53 Page - Advanced Micro Devices

部品番号 M41000002P
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002P データシート(HTML) 53 Page - Advanced Micro Devices

Back Button M41000002P Datasheet HTML 49Page - Advanced Micro Devices M41000002P Datasheet HTML 50Page - Advanced Micro Devices M41000002P Datasheet HTML 51Page - Advanced Micro Devices M41000002P Datasheet HTML 52Page - Advanced Micro Devices M41000002P Datasheet HTML 53Page - Advanced Micro Devices M41000002P Datasheet HTML 54Page - Advanced Micro Devices M41000002P Datasheet HTML 55Page - Advanced Micro Devices M41000002P Datasheet HTML 56Page - Advanced Micro Devices M41000002P Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
52
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
AC CHARACTERISTICS
Temporary Sector/Sector Block Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
Unit
JEDEC
Std
Description
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
t
VHH
V
HH Rise and Fall Time (See Note)
Min
250
ns
t
RSP
RESET# Setup Time for Temporary
Sector/Sector Block Unprotect
Min
4
µs
t
RRB
RESET# Hold Time from RY/BY# High for
Temporary Sector/Sector Block Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#f
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 25.
Temporary Sector/Sector Block Unprotect
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66