データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41000002S データシート(PDF) 65 Page - Advanced Micro Devices

部品番号 M41000002S
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002S データシート(HTML) 65 Page - Advanced Micro Devices

Back Button M41000002S Datasheet HTML 58Page - Advanced Micro Devices M41000002S Datasheet HTML 59Page - Advanced Micro Devices M41000002S Datasheet HTML 60Page - Advanced Micro Devices M41000002S Datasheet HTML 61Page - Advanced Micro Devices M41000002S Datasheet HTML 62Page - Advanced Micro Devices M41000002S Datasheet HTML 63Page - Advanced Micro Devices M41000002S Datasheet HTML 64Page - Advanced Micro Devices M41000002S Datasheet HTML 65Page - Advanced Micro Devices M41000002S Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
64
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
REVISION SUMMARY
Revision A (October 25, 2001)
Initial release.
Revision A+1 (September 5, 2002)
Connection Diagram
Replaced the Special Handling Instructions for FBGA
Package.
Command Definitions
Modified the last sentence in the first paragraph of the
Command Definitions section.
Table 11. Bottom Boot Sector/Sector Block Ad-
dresses for Protection/Unprotection
Added bottom boot table.
Common Flash Interface
Change last sentence in third paragraph to read:
“...reading array data.”
Figure 30. SRAM Write Cycle—WE# Control
Changed t
BW to TWHZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66