データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41000002V データシート(PDF) 5 Page - Advanced Micro Devices

部品番号 M41000002V
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002V データシート(HTML) 5 Page - Advanced Micro Devices

  M41000002V Datasheet HTML 1Page - Advanced Micro Devices M41000002V Datasheet HTML 2Page - Advanced Micro Devices M41000002V Datasheet HTML 3Page - Advanced Micro Devices M41000002V Datasheet HTML 4Page - Advanced Micro Devices M41000002V Datasheet HTML 5Page - Advanced Micro Devices M41000002V Datasheet HTML 6Page - Advanced Micro Devices M41000002V Datasheet HTML 7Page - Advanced Micro Devices M41000002V Datasheet HTML 8Page - Advanced Micro Devices M41000002V Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
4
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
Figure 21. Back-to-back Read/Write Cycle Timings ....................... 50
Figure 22. Data# Polling Timings (During Embedded Algorithms).. 50
Figure 23. Toggle Bit Timings (During Embedded Algorithms)....... 51
Figure 24. DQ2 vs. DQ6.................................................................. 51
Temporary Sector/Sector Block Unprotect ............................. 52
Figure 25. Temporary Sector/Sector Block Unprotect
Timing Diagram............................................................................... 52
Figure 26. Sector/Sector Block Protect and Unprotect
Timing Diagram............................................................................... 53
Alternate CE#f Controlled Erase and Program Operations .... 54
Figure 27. Flash Alternate CE#f Controlled Write (Erase/Program) Op-
eration Timings................................................................................ 55
SRAM Read Cycle .................................................................. 56
Figure 28. SRAM Read Cycle—Address Controlled....................... 56
Figure 29. SRAM Read Cycle ......................................................... 57
SRAM Write Cycle .................................................................. 58
Figure 30. SRAM Write Cycle—WE# Control ................................ 58
Figure 31. SRAM Write Cycle—CE1#s Control ............................. 59
Figure 32. SRAM Write Cycle—UB#s and LB#s Control ............... 60
Flash Erase And Programming Performance ........................ 61
Flash Latchup Characteristics. . . . . . . . . . . . . . . 61
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 61
Flash Data Retention . . . . . . . . . . . . . . . . . . . . . . 61
SRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 62
Figure 33. CE1#s Controlled Data Retention Mode....................... 62
Figure 34. CE2s Controlled Data Retention Mode......................... 62
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 63
FLB073—73-Ball Fine-Pitch Grid Array 8 x 11.6 mm ............. 63
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 64
Revision A (October 25, 2001) ............................................... 64
Revision A+1 (September 5, 2002) ........................................ 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66