データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41000002W データシート(PDF) 52 Page - Advanced Micro Devices

部品番号 M41000002W
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002W データシート(HTML) 52 Page - Advanced Micro Devices

Back Button M41000002W Datasheet HTML 48Page - Advanced Micro Devices M41000002W Datasheet HTML 49Page - Advanced Micro Devices M41000002W Datasheet HTML 50Page - Advanced Micro Devices M41000002W Datasheet HTML 51Page - Advanced Micro Devices M41000002W Datasheet HTML 52Page - Advanced Micro Devices M41000002W Datasheet HTML 53Page - Advanced Micro Devices M41000002W Datasheet HTML 54Page - Advanced Micro Devices M41000002W Datasheet HTML 55Page - Advanced Micro Devices M41000002W Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
September 5, 2002
Am41DL32x8G
51
PR ELI M I NARY
AC CHARACTERISTICS
OE#
WE#
Addresses
tOEH
tDH
tAHT
tASO
tOEPH
tOE
Valid Data
(first read)
(second read)
(stops toggling)
tCEPH
tAHT
tAS
DQ6/DQ2
Valid Data
Valid
Status
Valid
Status
Valid
Status
RY/BY#
CE#f
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status
read cycle, and array data read cycle
Figure 23.
Toggle Bit Timings (During Embedded Algorithms)
Note: DQ2 toggles only when read at an address within an erase-suspended sector. The system may use OE# or CE#f to
toggle DQ2 and DQ6.
Figure 24.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66