| データシートサーチシステム |
|
F800BT70VC データシート(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
F800BT70VC データシート(HTML) 9 Page - Advanced Micro Devices |
|
9 / 44 page ![]() November 2, 2006 21504E5 Am29F800B 7 D A TA SH EE T PIN CONFIGURATION A0–A18 = 19 addresses DQ0–DQ14 = 15 data inputs/outputs DQ15/A-1 = DQ15 (data input/output, word mode), A-1 (LSB address input, byte mode) BYTE# = Selects 8-bit or 16-bit mode CE# = Chip enable OE# = Output enable WE# = Write enable RESET# = Hardware reset pin, active low RY/BY# = Ready/Busy# output VCC = +5.0 V single power supply (see Product Selector Guide for device speed ratings and voltage supply tolerances) VSS = Device ground NC = Pin not connected internally LOGIC SYMBOL 19 16 or 8 DQ0–DQ15 (A-1) A0–A18 CE# OE# WE# RESET# BYTE# RY/BY# |