データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV256MH103REF データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AM29LV256MH103REF
部品情報  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256MH103REF データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AM29LV256MH103REF Datasheet HTML 4Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 5Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 6Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 7Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 8Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 9Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 10Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 11Page - Advanced Micro Devices AM29LV256MH103REF Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
6
Am29LV256M
December 16, 2005
D A TA SH EE T
CONNECTION DIAGRAMS
SPECIAL PACKAGE HANDLING
INSTRUCTIONS
Special handling is required for Flash Memory products
in molded packages (TSOP and BGA). The package
and/or data integrity may be compromised if the
package body is exposed to temperatures above
150°C for prolonged periods of time.
A2
C2
D2
E2
F2
G2
H2
A3
C3
D3
E3
F3
G3
H3
A4
C4
D4
E4
F4
G4
H4
A5
C5
D5
E5
F5
G5
H5
A6
C6
D6
E6
F6
G6
H6
A7
C7
D7
E7
F7
G7
H7
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A211
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
A1
C1
D1
E1
F1
G1
H1
NC
NC
VIO
NC
NC
NC
NC
NC
A8
C8
B2
B3
B4
B5
B6
B7
B1
B8
D8
E8
F8
G8
H8
NC
NC
NC
VSS
VIO
A233
A222
NC
Fortified BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69