データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDD160GB28DPBI データシート(PDF) 21 Page - Advanced Micro Devices

部品番号 AM29BDD160GB28DPBI
部品情報  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBI データシート(HTML) 21 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBI Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
June 7, 2006
Am29BDD160G
19
enabled using a 16-bit DQ bus (WORD# = V
IL), the
IND/WAIT# signal transitions active on the fourth ac-
cess. If the same scenario is used, but instead the
32-bit DQ bus is enabled, the IND/WAIT# signal transi-
tions active on the second access. The IND/WAIT#
signal has the same delay and setup timing as the DQ
pins. Also, the IND/WAIT# signal is controlled by the
OE# signal. If OE# is at V
IH, the IND/WAIT# signal
floats and is not driven. If OE# is at V
IL, the IND/WAIT#
signal is driven at V
IH until it transitions to VIL indicating
the end of burst sequence. The IND/WAIT# signal tim-
ing and duration is (See “Configuration Register” for
more information). The following table lists the valid
combinations of the Configuration Register bits that
impact the IND/WAIT# timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79