データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M410000077 データシート(PDF) 9 Page - Advanced Micro Devices

部品番号 M410000077
部品情報  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M410000077 データシート(HTML) 9 Page - Advanced Micro Devices

Back Button M410000077 Datasheet HTML 5Page - Advanced Micro Devices M410000077 Datasheet HTML 6Page - Advanced Micro Devices M410000077 Datasheet HTML 7Page - Advanced Micro Devices M410000077 Datasheet HTML 8Page - Advanced Micro Devices M410000077 Datasheet HTML 9Page - Advanced Micro Devices M410000077 Datasheet HTML 10Page - Advanced Micro Devices M410000077 Datasheet HTML 11Page - Advanced Micro Devices M410000077 Datasheet HTML 12Page - Advanced Micro Devices M410000077 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
8
Am41PDS3224D
May 13, 2002
P R E L IMINARY
PIN DESCRIPTION
A17–A0
= 18 Address Inputs (Common)
A20–A18
= 3 Address Inputs (Flash)
SA
= Highest Order Address Pin (SRAM)
Byte mode
DQ15–DQ0
= 16 Data Inputs/Outputs (Common)
CE#f
= Chip Enable (Flash)
CE1#s
= Chip Enable 1 (SRAM)
CE2s
= Chip Enable 2 (SRAM)
OE#
= Output Enable (Common)
WE#
= Write Enable (Common)
RY/BY#
= Ready/Busy Output (Flash)
UB#s
= Upper Byte Control (SRAM)
LB#s
= Lower Byte Control (SRAM)
CIOs
= I/O Configuration (SRAM)
CIOs = V
IH = Word mode (x16),
CIOs = V
IL = Byte mode (x8)
RESET#
= Hardware Reset Pin, Active Low
WP#/ACC
= Hardware Write Protect/
Acceleration Pin (Flash)
V
CCf
= Flash 1.8 volt-only single power
supply (see Product Selector Guide
for speed options and voltage sup-
ply tolerances)
V
CCs
= SRAM Power Supply
V
SS
= Device Ground (Common)
NC
= Pin Not Connected Internally
LOGIC SYMBOL
18
16 or 8
DQ15–DQ0
A17–A0
CE#f
OE#
WE#
RESET#
UB#s
RY/BY#
WP#/ACC
SA
A20–A18
LB#s
CIOs
CE1#s
CE2s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59