| データシートサーチシステム |
|
AM29LV640MT100REF データシート(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV640MT100REF データシート(HTML) 11 Page - Advanced Micro Devices |
|
11 / 66 page ![]() February 1, 2007 26190C8 Am29LV640MT/B 9 D A TA SH EET PIN DESCRIPTION A21–A0 = 22 Address inputs DQ14–DQ0 = 15 Data inputs/outputs DQ15/A-1 = DQ15 (Data input/output, word mode), A-1 (LSB Address input, byte mode) CE# = Chip Enable input OE# = Output Enable input WE# = Write Enable input WP#/ACC = Hardware Write Protect input/Pro- gramming Acceleration input RESET# = Hardware Reset Pin input RY/BY# = Ready/Busy output BYTE# = Selects 8-bit or 16-bit mode V CC = 3.0 volt-only single power supply (See Product Selector Guide on page 6 for speed options and voltage supply tolerances.) V SS = Device Ground NC = Pin Not Connected Internally LOGIC SYMBOL 22 16 or 8 DQ15–DQ0 (A-1) A21–A0 CE# OE# WE# RESET# RY/BY# WP#/ACC BYTE# |