データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV640MT110REF データシート(PDF) 5 Page - Advanced Micro Devices

部品番号 AM29LV640MT110REF
部品情報  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MT110REF データシート(HTML) 5 Page - Advanced Micro Devices

  AM29LV640MT110REF Datasheet HTML 1Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 2Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 3Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 4Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 5Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 6Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 7Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 8Page - Advanced Micro Devices AM29LV640MT110REF Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
3
D A TA
SH EET
MIRRORBIT 64 MBIT DEVICE FAMILY
RELATED DOCUMENTS
To download related documents, click on the following
links or go to www.amd.com
→Flash Memory→Prod-
uct Information
→MirrorBit→Flash Information→Tech-
nical Documentation.
MirrorBit™ Flash Memory Write Buffer Programming
and Page Buffer Read
Implementing a Common Layout for AMD MirrorBit
and Intel StrataFlash Memory Devices
Migrating from Single-byte to Three-byte Device IDs
AMD MirrorBit™ White Paper
Device
Bus
Sector Architecture
Packages
V
IO
RY/BY#
WP#, ACC
WP# Protection
LV065MU
x8
Uniform (64 Kbyte)
48-pin TSOP (std. & rev. pinout),
63-ball FBGA
Yes
Yes
ACC only
No WP#
LV640MT/B
x8/x16
Boot (8 x 8 Kbyte
at top & bottom)
48-pin TSOP, 63-ball Fine-pitch BGA,
64-ball Fortified BGA
No
Yes
WP#/ACC pin
2 x 8 Kbyte
top or bottom
LV640MH/L
x8/x16
Uniform (64 Kbyte)
56-pin TSOP (std. & rev. pinout),
64-ball Fortified BGA
Yes
Yes
WP#/ACC pin
1 x 64 Kbyte
high or low
LV641MH/L
x16
Uniform (32 Kword)
48-pin TSOP (std. & rev. pinout)
Yes
No
Separate WP#
and ACC pins
1 x 32 Kword
top or bottom
LV640MU
x16
Uniform (32 Kword)
64-ball Fortified BGA,
63-ball Fine-pitch BGA
Yes
Yes
ACC only
No WP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66