データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV640MB110REF データシート(PDF) 55 Page - Advanced Micro Devices

部品番号 AM29LV640MB110REF
部品情報  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB110REF データシート(HTML) 55 Page - Advanced Micro Devices

Back Button AM29LV640MB110REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
53
D A TA
SH EET
AC CHARACTERISTICS
Temporary Sector Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
JEDEC
Std
Description
Unit
t
VIDR
V
ID Rise and Fall Time (See Note)
Min
500
ns
t
RSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 23.
Temporary Sector Group Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66