| データシートサーチシステム |
|
MB2244 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MB2244 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 12 page ![]() Philips Semiconductors Product specification MB2244 16-bit buffer/line driver (3-State) 1998 Jan 16 3 LOGIC SYMBOL 1OE 47 1A0 44 1A1 43 1A2 41 1A3 40 2OE 45 2A0 38 2A1 48 37 2A2 35 49 2A3 34 51 52 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 2 3 5 6 3OE 19 3A0 32 3A1 31 3A2 29 3A3 28 4OE 21 4A0 26 4A1 8 25 4A2 23 9 4A3 22 11 12 3Y0 3Y1 3Y2 3Y3 4Y0 4Y1 4Y2 4Y3 14 15 17 18 SB00034 LOGIC SYMBOL (IEEE/IEC) 47 44 48 43 49 41 51 40 52 45 38 2 37 3 35 5 34 6 19 32 8 31 9 29 11 28 12 21 26 14 25 15 23 17 22 18 EN EN EN EN SB00035 FUNCTION TABLE INPUTS OUTPUTS nOE nAx nYx L L L L H H H X Z ABSOLUTE MAXIMUM RATINGS1, 2 SYMBOL PARAMETER CONDITIONS RATING UNIT VCC DC supply voltage –0.5 to +7.0 V IIK DC input diode current VI < 0 –18 mA VI DC input voltage3 –1.2 to +7.0 V IOK DC output diode current VO < 0 –50 mA VOUT DC output voltage3 output in Off or High state –0.5 to +5.5 V IOUT DC output current output in Low state 128 mA Tstg Storage temperature range –65 to 150 °C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 °C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. |