| データシートサーチシステム |
|
ADA3200DEP3AP データシート(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DEP3AP データシート(HTML) 12 Page - Advanced Micro Devices |
|
12 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 12 AMD Athlon™ 64 Processor The notes for this table appear on page 29. Parameter/OPN Notes Model Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status MaxVID Field 2 FID/VID Status MaxFID Field 2 FID/VID Status StartVID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max HyperTransport™ Frequency Max P-State VID Code VID_VDD 3 Thermal Design Power 4 Intermediate P-State #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-State VID Code / VID_VDD 3 Thermal Design Power 4 N/A 35.0 W 0Ah 1.300 V 800 MHz N/A N/A N/A N/A 89.0 W 2000 MHz 0Eh 02h 0Eh 02h 1.500 V 2200 MHz 1 MB 00000F48h 04h 800 MHz 00h 06h 1.400 V 3400+ ADA3400AEP5AP 70.0 W |