| データシートサーチシステム |
|
AM29DL320GT50WMFN データシート(PDF) 26 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL320GT50WMFN データシート(HTML) 26 Page - Advanced Micro Devices |
|
26 / 58 page ![]() 24 Am29DL320G COMMAND DEFINITIONS Writing specific address and data commands or se- quences into the command register initiates device op- erations. Table 13 defines the valid register command sequences. Writing incorrect address and data val- ues or writing them in the improper sequence may place the device in an unknown state. A reset com- mand is required to return the device to reading array data. All addresses are latched on the falling edge of WE# or CE#, whichever happens later. All data is latched on the rising edge of WE# or CE#, whichever happens first. Refer to the AC Characteristics section for timing diagrams. Reading Array Data The device is automatically set to reading array data after device power-up. No commands are required to retrieve data. Each bank is ready to read array data after completing an Embedded Program or Embedded Erase algorithm. After the device accepts an Erase Suspend command, the corresponding bank enters the erase-sus- pend-read mode, after which the system can read data from any non-erase-suspended sector within the same bank. After completing a programming operation in the Erase Suspend mode, the system may once again read array data with the same exception. See the Erase Suspend/Erase Resume Commands sec- tion for more information. The system must issue the reset command to return a bank to the read (or erase-suspend-read) mode if DQ5 goes high during an active program or erase opera- tion, or if the bank is in the autoselect mode. See the next section, Reset Command, for more information. See also Requirements for Reading Array Data in the Device Bus Operations section for more information. The Read-Only Operations table provides the read pa- rameters, and Figure 14 shows the timing diagram. Reset Command Writing the reset command resets the banks to the read or erase-suspend-read mode. Address bits are don’t cares for this command. The reset command may be written between the se- quence cycles in an erase command sequence before erasing begins. This resets the bank to which the sys- tem was writing to the read mode. Once erasure be- gins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in a program command sequence before programming begins. This resets the bank to which the system was writing to the read mode. If the program command sequence is written to a bank that is in the Erase Suspend mode, writing the reset command retur n s that bank to the erase-sus- pend-read mode. Once programming begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the se- quence cycles in an autoselect command sequence. Once in the autoselect mode, the reset command must be written to return to the read mode. If a bank entered the autoselect mode while in the Erase Sus- pend mode, writing the reset command returns that bank to the erase-suspend-read mode. If DQ5 goes high during a program or erase operation, writing the reset command returns the banks to the read mode (or erase-suspend-read mode if that bank was in Erase Suspend). Autoselect Command Sequence The autoselect command sequence allows the host system to access the manufacturer and device codes, and determine whether or not a sector is protected. Table 13 shows the address and data requirements. This method is an alternative to that shown in Table 6, which is intended for PROM programmers and re- quires VID on address pin A9. The autoselect com- 4Ch 98h 0000h Page Mode Type 00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page 4Dh 9Ah 0085h ACC (Acceleration) Supply Minimum 00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV 4Eh 9Ch 0095h ACC (Acceleration) Supply Maximum 00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV 4Fh 9Eh 000Xh Top/Bottom Boot Sector Flag 02h = Bottom Boot Device, 03h = Top Boot Device Addresses (Word Mode) Addresses (Byte Mode) Data Description |