データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD640G73UI データシート(PDF) 9 Page - Advanced Micro Devices

部品番号 PD640G73UI
部品情報  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G73UI データシート(HTML) 9 Page - Advanced Micro Devices

Back Button PD640G73UI Datasheet HTML 5Page - Advanced Micro Devices PD640G73UI Datasheet HTML 6Page - Advanced Micro Devices PD640G73UI Datasheet HTML 7Page - Advanced Micro Devices PD640G73UI Datasheet HTML 8Page - Advanced Micro Devices PD640G73UI Datasheet HTML 9Page - Advanced Micro Devices PD640G73UI Datasheet HTML 10Page - Advanced Micro Devices PD640G73UI Datasheet HTML 11Page - Advanced Micro Devices PD640G73UI Datasheet HTML 12Page - Advanced Micro Devices PD640G73UI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
December 13, 2005
Am29PDL640G
7
D A TA SH EE T
CONNECTION DIAGRAMS
B2
D2
E2
F2
G2
H2
J2
D3
E3
F3
G3
H3
J3
D4
E4
F4
G4
H4
J4
D5
E5
F5
G5
H5
J5
D6
E6
F6
G6
H6
J6
B7
D7
E7
F7
G7
H7
J7
NC
DQ15
A16
A15
A14
A12
A13
NC
DQ14
DQ13
DQ7
A11
A10
A8
A9
DQ12
VCC
DQ5
A19
A21
RESET#
WE#
DQ10
DQ11
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ8
DQ9
DQ0
A5
A6
A17
A7
CE#
OE#
K2
K3
K4
K5
K6
K7
VSS
DQ6
DQ4
DQ3
DQ1
VSS
A0
A1
A2
A4
A3
NC
B1
D1
E1
F1
G1
H1
J1
VIO
NC
NC
NC
NC
NC
NC
NC
A1
NC
B8
D8
C2
C3
C4
C5
C6
C7
A2
A7
NC
NC
C1
C8
E8
F8
G8
H8
J8
NC
NC
K1
NC
K8
NC
L2
L7
NC
NC
M2
M7
NC
NC
L1
NC
L8
NC
M1
NC
M8
NC
VSS
VIO
NC
NC
NC
NC
A8
NC
80-Ball Fine-pitch BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61