データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD640G98UI データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 PD640G98UI
部品情報  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G98UI データシート(HTML) 10 Page - Advanced Micro Devices

Back Button PD640G98UI Datasheet HTML 6Page - Advanced Micro Devices PD640G98UI Datasheet HTML 7Page - Advanced Micro Devices PD640G98UI Datasheet HTML 8Page - Advanced Micro Devices PD640G98UI Datasheet HTML 9Page - Advanced Micro Devices PD640G98UI Datasheet HTML 10Page - Advanced Micro Devices PD640G98UI Datasheet HTML 11Page - Advanced Micro Devices PD640G98UI Datasheet HTML 12Page - Advanced Micro Devices PD640G98UI Datasheet HTML 13Page - Advanced Micro Devices PD640G98UI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
8
Am29PDL640G
December 13, 2005
D A TA SH EE T
CONNECTION DIAGRAMS
C2
D2
E2
F2
G2
H2
J2
K2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
A7
B7
A8
B8
A1
B1
A2
E7
F7
G7
H7
J7
K7
L7
L8
M7
M8
L1
L2
M1
M2
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC
NC
NC
NC
DQ15
VSS
NC
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
* Balls are shorted together via the substrate but not connected to the die.
63-Ball Fine-pitch BGA
Top View, Balls Facing Down
Notes:V
IO = VCC for 63-Ball Fine-pitch BGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61