データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M49000000G データシート(PDF) 56 Page - Advanced Micro Devices

部品番号 M49000000G
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000G データシート(HTML) 56 Page - Advanced Micro Devices

Back Button M49000000G Datasheet HTML 52Page - Advanced Micro Devices M49000000G Datasheet HTML 53Page - Advanced Micro Devices M49000000G Datasheet HTML 54Page - Advanced Micro Devices M49000000G Datasheet HTML 55Page - Advanced Micro Devices M49000000G Datasheet HTML 56Page - Advanced Micro Devices M49000000G Datasheet HTML 57Page - Advanced Micro Devices M49000000G Datasheet HTML 58Page - Advanced Micro Devices M49000000G Datasheet HTML 59Page - Advanced Micro Devices M49000000G Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
June 25, 2002
Am49DL320BG
55
P R E L I M I NARY
pSRAM AC CHARACTERISTICS
Figure 29.
Page Read Timing
Notes:
1. t
OD, tODo, tBD, and tODW are defined as the time at which
the outputs achieve the open circuit condition and are
not referenced to output voltage levels.
2. If CE#, LB#, or UB# goes low at the same time or before
WE# goes high, the outputs will remain at high impedance.
3. If CE#, LB#, or UB# goes low at the same time or after WE#
goes low, the outputs will remain at high impedance.
Addresses
A0 to A2
Addresses
A3 to A20
CE#1
CE2
OE#
WE#
LB#, UB#
DOUT
I/O1 to 16
tPM
tRC
tPC
tPC
tBA
tOE
tBE
tCOE
tAA
tOD
tCO
tBD
tACC
tOEE
tPC
DOUT
DOUT
DOUT
DOUT
tAA
tAA
tODO
tOH
tAOH
tAOH
tAOH
Fixed High
Maximum 8 words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64