| データシートサーチシステム |
|
ADA3200DIA5AP データシート(PDF) 45 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DIA5AP データシート(HTML) 45 Page - Advanced Micro Devices |
|
45 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 45 AMD Athlon™ 64 Processor The notes for this table appear on page 48. Parameter/OPN Notes Tcase Max 1, 13 Tcontrol M ax 2 Tambient Thermal Resistance (case-amb) Thermal Profile 14 Max P-State VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #1 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #2 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #3 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #4 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #5 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #6 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Min P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Halt/S top Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 47.5 A 67.0 W ADA3200DKA4CG 0.34°C/W 1800 MHz 1.350 V 45.8 A 64.7 W N/A N/A N/A N/A N/A 1000 MHz 1.100 V 23.4 A 28.6 W 25.8 A 8.0 A 2.9 W 500 mW 49°C to 65°C 70°C 42°C 1.350 V B 2000 MHz |