データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L033MU12RI データシート(PDF) 19 Page - SPANSION

部品番号 L033MU12RI
部品情報  32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

L033MU12RI データシート(HTML) 19 Page - SPANSION

Back Button L033MU12RI Datasheet HTML 15Page - SPANSION L033MU12RI Datasheet HTML 16Page - SPANSION L033MU12RI Datasheet HTML 17Page - SPANSION L033MU12RI Datasheet HTML 18Page - SPANSION L033MU12RI Datasheet HTML 19Page - SPANSION L033MU12RI Datasheet HTML 20Page - SPANSION L033MU12RI Datasheet HTML 21Page - SPANSION L033MU12RI Datasheet HTML 22Page - SPANSION L033MU12RI Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
September 12, 2006
Am29LV033MU
17
DA TA
SH EET
Temporary Sector Group Unprotect
(Note: In this device, a sector group consists of four adjacent
sectors that are protected or unprotected at the same time
(see Table 4).
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated by
setting the RESET# pin to V
ID. During this mode, for-
merly protected sector groups can be programmed or
erased by selecting the sector group addresses. Once
V
ID is removed from the RESET# pin, all the previously
protected sector groups are protected again. Figure 1
shows the algorithm, and Figure 23 shows the timing
diagrams, for this feature.
Figure 1.
Temporary Sector Group
Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector
Group Unprotect
Completed (Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected
once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61