| データシートサーチシステム |
|
ADA3200DEP5AP データシート(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DEP5AP データシート(HTML) 9 Page - Advanced Micro Devices |
|
9 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 9 AMD Athlon™ 64 Processor Note: Refer to the AMD Functional Data Sheet, 754 Pin Package, order #31410 or AMD Functional Data Sheet, 939 Pin Package, order #31411, as appropriate for package drawings. BX Rev E6 Lidded CF Rev E6 D1 CG Rev E4 D1 Table 3: AMD Athlon™ 64 Processor L2 Cache Size Options OPN Character Cache Size 3256 KB 4512 KB 51 MB Table 4: AMD Athlon™ 64 Processor Temperature Options OPN Character Temperature AVariable O 69oC P 70oC K 65oC Table 5: AMD Athlon™ 64 Processor Operating Voltage OPN Character Operating Voltage AVariable E1.50 V I1.40 V K1.35 V Table 6: AMD Athlon™ 64 Processor Package Options OPN Character Package A 754 Pin Lidded O μPGA D 939 Pin Lidded O μPGA Table 2: AMD Athlon™ 64 Processor Part Definition Options (Continued) Part Definition Revision Package Drawing |