データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M49000000M データシート(PDF) 59 Page - Advanced Micro Devices

部品番号 M49000000M
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000M データシート(HTML) 59 Page - Advanced Micro Devices

Back Button M49000000M Datasheet HTML 55Page - Advanced Micro Devices M49000000M Datasheet HTML 56Page - Advanced Micro Devices M49000000M Datasheet HTML 57Page - Advanced Micro Devices M49000000M Datasheet HTML 58Page - Advanced Micro Devices M49000000M Datasheet HTML 59Page - Advanced Micro Devices M49000000M Datasheet HTML 60Page - Advanced Micro Devices M49000000M Datasheet HTML 61Page - Advanced Micro Devices M49000000M Datasheet HTML 62Page - Advanced Micro Devices M49000000M Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
58
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
pSRAM AC CHARACTERISTICS
Notes:
1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied.
2. If OE# is high during the write cycle, the outputs will remain at high impedance.
Figure 32.
Pseudo SRAM Write Cycle—
UB#s and LB#s Control
tWC
Valid Data In
Addresses
A0 to A20
WE#
CE#1
CE2
UB#, LB#
DIN
I/O1 to 16
DOUT
I/O1 to 16
tDS
tWR
tWP
tCW
High-Z
High-Z
tCH
tDH
tAS
tBW
tBE
tCOE
tODW
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64