データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV320ML112REF データシート(PDF) 59 Page - Advanced Micro Devices

部品番号 AM29LV320ML112REF
部品情報  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML112REF データシート(HTML) 59 Page - Advanced Micro Devices

Back Button AM29LV320ML112REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 59Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
57
D A TA
SH EET
Erase and Programming Performance
Input values into table that were previously TBD. Modi-
fied notes. Removed Word references.
Revision B +1 (February 12, 2004)
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected at the Factory
Removed second paragraph.
Table 10 & Table 11: Command Definitions
Replaced the Addr information for both Program/Erase
Suspend and Program/Erase Resume from BA to
XXX.
Erase Suspend/Erase Resume Commands
Added note on flash device performance during
suspend/erase mode.
AC Characteristics, Erase and Program Operations
Removed Byte information for t
WHWH1 parameter.
Added t
POLL information and footnote.
AC Characteristics
Program Operation Timings, Data# Polling Timings
(During Embedded Algorithms, and Alternate CE#
Controlled Write (Erase/Program) Operation Timings
figures: Updated with t
POLL information.
AC Characteristics - Alternate CE# Controlled
Erase and Program Operations
Added t
POLL information and footnote.
Erase and Programming Performance
Added t
POLL information and footnote.
Trademarks
Updated.
Cover Sheet and Title Page
Added notation referencing superseding documenta-
tion.
Revision B+2 (October 27, 2004)
Ordering Information
Added Lead-free package options.
Revision B+3 (December 14, 2005)
Global
This product has been retired and is not available for
designs. For new and current designs, S29GL032A
supersedes Am29LV320MH/L and is the factory-rec-
ommended migration path. Please refer to the
S29GL032A datasheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.
Revision B4 (January 31, 2007)
Global
Changed SecSi Sector to Secured Silicon Sector.
AC Characteristics
Erase and Program Operations table: Changed t
BUSY
to a maximum specification. Deleted “t
VCS” from tBUSY
parameter name.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion LLC will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2001–2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.
Copyright © 2006–2007 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations
thereof are trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59