| データシートサーチシステム |
|
AM29LV320ML120REF データシート(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV320ML120REF データシート(HTML) 7 Page - Advanced Micro Devices |
|
7 / 59 page ![]() January 31, 2007 26517B4 Am29LV320MH/L 5 D A TA SH EET PRODUCT SELECTOR GUIDE Note: 1. See AC Characteristics for full specifications. 2. For the Am29LV320MH/L device, the last numeric digit in the speed option (e.g. 90R, 101, 112, 120) is used for internal purposes only. Please use OPNs as listed when placing orders. BLOCK DIAGRAM Part Number Am29LV320MH/L Speed Option VCC = 3.0–3.6 V 90R (VIO = 3.0–3.6 V) 101R (VIO = 2.7–3.6 V) 112R (VIO = 1.65–3.6 V) 120R (VIO = 1.65–3.6 V) VCC = 2.7–3.6 V 101 (V IO = 2.7–3.6 V) 112 (V IO = 1.65–3.6 V) 120 (V IO = 1.65–3.6 V) Max. Access Time (ns) 90 100 110 120 Max. CE# Access Time (ns) 90 100 110 120 Max. Page access Time (tPACC)25 30 30 40 30 40 Max. OE# Access Time (ns) 25 30 30 40 30 40 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer VCC Detector State Control Command Register VCC V SS WE# WP#/ACC BYTE# CE# OE# STB STB DQ0 –DQ15 (A-1) Sector Switches RY/BY# RESET# Data Latch Y-Gating Cell Matrix A20–A0 V IO |