データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBPC25005W データシート(PDF) 2 Page - RFE international

部品番号 KBPC25005W
部品情報  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFE [RFE international]
ホームページ  http://www.rfeinc.com
Logo RFE - RFE international

KBPC25005W データシート(HTML) 2 Page - RFE international

  KBPC25005W Datasheet HTML 1Page - RFE international KBPC25005W Datasheet HTML 2Page - RFE international KBPC25005W Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PREFERED
P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
KBPC25005~KBPC2510
A1
Approximate 24.5
50
50
500
Paper Box
KBPC25005W~KBPC2510W
A1
Approximate 22.5
50
50
500
Paper Box
0
FIG1:Io-Tc Curve
Case Temperature(°C)
50
100
150
0
10
30
20
1
0
2
5
10
20
50
100
150
300
450
Number of Cycles
FIG2:Surge Forward Current Capability
Half-sine Wave
non-repetitive
Ta=25
0.1
FIG3:Instantaneous Forward Voltage
Ta=25
Instantaneous Forward Voltage (V)
0.6
0.8
1.0
1.2
1.4
0.4
0.5
1.0
10
0.2
20
60
5.0
0
20
40
60
80
100
0.1
1
10
100
1000
Percent Rated Peak Reverse Voltage(%)
Tj=125
Tj=25
FIG4:Typical Reverse Characteristics
Bridge Rectifiers
KBPC25005(W) Through KBPC2510(W) KBPC,KBPC-W
12-19-2022
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
PACKAGING INFORMATION
CHARACTERISTICS (TYPICAL)



Html Pages

1 2 3