| データシートサーチシステム |
|
ADA3200DIK5AP データシート(PDF) 85 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DIK5AP データシート(HTML) 85 Page - Advanced Micro Devices |
|
85 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 85 AMD Athlon™ 64 X2 Dual Core Processor Table 39: AMD Athlon™ 64 X2 Dual Core Processor Temperature Options OPN Character Temperature AVariable Table 40: AMD Athlon™ 64 X2 Dual Core Processor Operating Voltage OPN Character Operating Voltage AVariable Table 41: AMD Athlon™ 64 X2 Dual Core Processor Package Options OPN Character Package D 939 Pin Lidded O μPGA Table 42: AMD Athlon™ 64 X2 Dual Core Processor Model Number Options Package Cache Size Frequency Model Number 939 Pin Lidded O μPGA 2 MB 2200 MHz 4400+ 939 Pin Lidded O μPGA 2 MB 2400 MHz 4800+ 939 Pin Lidded O μPGA 1 MB 2000 MHz 3800+ 939 Pin Lidded O μPGA 1 MB 2200 MHz 4200+ 939 Pin Lidded O μPGA 1 MB 2400 MHz 4600+ Table 43: AMD Athlon™ 64 X2 Dual Core Processor Power Limit OPN Character Power Limit A Standard |