データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL800DB100WAC データシート(PDF) 40 Page - Advanced Micro Devices

部品番号 AM29SL800DB100WAC
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WAC データシート(HTML) 40 Page - Advanced Micro Devices

Back Button AM29SL800DB100WAC Datasheet HTML 36Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 37Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 38Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 39Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 40Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 41Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 42Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 43Page - Advanced Micro Devices AM29SL800DB100WAC Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
D A TA
SH EE T
38
Am29SL800D
27546A6 January 23, 2007
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUS
Notes:
1.
PA = program address, PD = program data, DQ7# = complement of the data written, DOUT = data written
2.
Figure indicates the last two bus cycles of command sequence.
3.
Word mode address used as an example.
Figure 24.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46