データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDD160GB28DPBE データシート(PDF) 42 Page - Advanced Micro Devices

部品番号 AM29BDD160GB28DPBE
部品情報  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBE データシート(HTML) 42 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBE Datasheet HTML 38Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 39Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 40Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 41Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 42Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 43Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 44Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 45Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
40
Am29BDD160G
June 7, 2006
The CFI command is not permitted if the SecSi sector
is enabled and Simultaneous Operation is disabled
once the command is entered.
See Common Flash Memory Interface (CFI) for the
specific CFI command codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79