| データシートサーチシステム |
|
ADA3200AAP3AX データシート(PDF) 68 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AAP3AX データシート(HTML) 68 Page - Advanced Micro Devices |
|
68 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 68 AMD Sempron™ Processor 3.3 AMD Sempron™ Processor Thermal/Power Specifications Table 27 contains the power and thermal specifications for this processor family. Each column in the thermal/power specification tables represents a specific Ordering Part Number (OPN). Section 3.1 on page 60 provides an example of the OPN structure for this processor family. Table 27: AMD Sempron™ Processor Thermal/Power Specifications The notes for this table appear on page 74. Parameter/OPN Notes Tcase Max 1 Tcontrol M ax 2 Tambient Thermal Resistance (case-amb) Max P-State VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #1 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #2 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #3 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #4 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #5 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #6 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Min P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Halt/S top Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 70°C 42°C 70°C 30.0 A 7.0 A 750 mW 2.2 W N/A 1000 MHz 20.0 W 16.2 A 0.45°C/W N/A 42.7 A N/A N/A 62.0 W SDA3100AIP3AX 1800 MHz 1.100 V N/A N/A 1.400 V |