データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M750000007 データシート(PDF) 68 Page - SPANSION

部品番号 M750000007
部品情報  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

M750000007 データシート(HTML) 68 Page - SPANSION

Back Button M750000007 Datasheet HTML 64Page - SPANSION M750000007 Datasheet HTML 65Page - SPANSION M750000007 Datasheet HTML 66Page - SPANSION M750000007 Datasheet HTML 67Page - SPANSION M750000007 Datasheet HTML 68Page - SPANSION M750000007 Datasheet HTML 69Page - SPANSION M750000007 Datasheet HTML 70Page - SPANSION M750000007 Datasheet HTML 71Page - SPANSION M750000007 Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 129 page
background image
66
Am75PDL191BHHa/Am75PDL193BHHa
February 6, 2004
ADV ANCE
I N FO RMAT I O N
PSRAM AC CHARACTERISTICS
CE#s Timing
Figure 12.
Timing Diagram for Alternating
Between Pseudo SRAM to Flash
Note: After V
CC reaches VCC (MIn), wait 200 µs with CS#1s and CS2s high. The device will enter into normal operation.
Figure 13.
Timing Waveform of Power-up
Parameter
Description
Test Setup
All Speeds
Unit
JEDEC
Std
—t
CCR
CE#s Recover Time
—
Min
0
ns
CE#1ps
tCCR
tCCR
CE2ps
V
CC
V
CC (Min)
Min. 0 ns
CS2s
CS#1s
Power Up Mode
Normal Operation
Min. 200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More