データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F160DB70EF データシート(PDF) 47 Page - SPANSION

部品番号 AM29F160DB70EF
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F160DB70EF データシート(HTML) 47 Page - SPANSION

Back Button AM29F160DB70EF Datasheet HTML 39Page - SPANSION AM29F160DB70EF Datasheet HTML 40Page - SPANSION AM29F160DB70EF Datasheet HTML 41Page - SPANSION AM29F160DB70EF Datasheet HTML 42Page - SPANSION AM29F160DB70EF Datasheet HTML 43Page - SPANSION AM29F160DB70EF Datasheet HTML 44Page - SPANSION AM29F160DB70EF Datasheet HTML 45Page - SPANSION AM29F160DB70EF Datasheet HTML 46Page - SPANSION AM29F160DB70EF Datasheet HTML 47Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 47 / 47 page
background image
November 2, 2006 Am29F160D_00_D6
Am29F160D
45
D A TA SH EE T
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are
trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.
Copyright © 2000-2006 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47