| データシートサーチシステム |
|
AM29F160D データシート(PDF) 28 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29F160D データシート(HTML) 28 Page - SPANSION |
|
28 / 47 page ![]() 26 Am29F160D Am29F160D_00_D6 November 2, 2006 D A TA SH EE T Table 10. Write Operation Status Notes: 1. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 2. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation exceeds the maximum timing limits. See DQ5: Exceeded Timing Limits‚ on page 25 for more information. Operation DQ7 (Note 1) DQ6 DQ5 (Note 2) DQ3 DQ2 (Note 1) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Reading within Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Reading within Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |