| データシートサーチシステム |
|
AM29SL400CT100RWAC データシート(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29SL400CT100RWAC データシート(HTML) 8 Page - Advanced Micro Devices |
|
8 / 44 page ![]() 6 Am29SL400C Am29SL400C_00_A6 January 23, 2007 D A TA SH EE T CONNECTION DIAGRAM Special Handling Instructions for FBGA Packages Special handling is required for Flash Memory products in molded packages (TSOP, BGA, PLCC, PDIP, SSOP). The package and/or data integrity may be compromised if the package body is exposed to temperatures about 150 °C for prolonged periods of time. A1 B1 C1 D1 E1 F1 G1 H1 A2 B2 C2 D2 E2 F2 G2 H2 A3 B3 C3 D3 E3 F3 G3 H3 A4 B4 C4 D4 E4 F4 G4 H4 A5 B5 C5 D5 E5 F5 G5 H5 A6 B6 C6 D6 E6 F6 G6 H6 DQ15/A-1 VSS BYTE# A16 A15 A14 A12 A13 DQ13 DQ6 DQ14 DQ7 A11 A10 A8 A9 VCC DQ4 DQ12 DQ5 NC NC RESET# WE# DQ11 DQ3 DQ10 DQ2 NC NC NC RY/BY# DQ9 DQ1 DQ8 DQ0 A5 A6 A17 A7 OE# VSS CE# A0 A1 A2 A4 A3 48-Ball FBGA (Top View, Balls Facing Down) |