| データシートサーチシステム |
|
SA5.0 データシート(PDF) 4 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
SA5.0 データシート(HTML) 4 Page - RFE international |
|
4 / 7 page ![]() Part Number (Uni) Part Number (Bi) Breakdown Voltage VBR@IT Maximum Reverse Leakage IR @ VWM (μ A) Working Peak Reverse Voltage VRWM (V) Maximum Reverse Surge Current IPP (A) Maximum Clamping Voltage Vc @ IPP (V) Maximum Temperature Coefficient of VBR (%/°C) Min (V) Max (V) IT (mA) SA75A SA75CA 83.3 92.1 1.0 5.0 75 4.1 121 91 SA78 SA78C 86.7 106 1.0 5.0 78 3.6 139 105 SA78A SA78CA 86.7 95.8 1.0 5.0 78 4.0 126 95 SA85 SA85C 94.4 115 1.0 5.0 85 3.3 151 114 SA85A SA85CA 94.4 104 1.0 5.0 85 3.6 137 103 SA90 SA90C 100 122 1.0 5.0 90 3.1 160 121 SA90A SA90CA 100 111 1.0 5.0 90 3.4 146 110 SA100 SA100C 111 136 1.0 5.0 100 2.8 179 135 SA100A SA100CA 111 123 1.0 5.0 100 3.1 162 123 SA110 SA110C 122 149 1.0 5.0 110 2.6 196 148 SA110A SA110CA 122 135 1.0 5.0 110 2.8 177 133 SA120 SA120C 133 163 1.0 5.0 120 2.3 214 162 SA120A SA120CA 133 147 1.0 5.0 120 2.6 193 146 SA130 SA130C 144 176 1.0 5.0 130 2.2 230 175 SA130A SA130CA 144 159 1.0 5.0 130 2.4 209 158 SA140 SA140C 155.68 190.4 1.0 5.0 140 2.0 250.6 188 SA140A SA140CA 155 171 1.0 5.0 140 2.2 226.8 170 SA150 SA150C 167 204 1.0 5.0 150 1.9 268 203 SA150A SA150CA 167 185 1.0 5.0 150 2.1 243 184 SA160 SA160C 178 218 1.0 5.0 160 1.7 257 217 SA160A SA160CA 178 197 1.0 5.0 160 1.9 259 196 SA170 SA170C 189 231 1.0 5.0 170 1.6 304 230 SA170A SA170CA 189 209 1.0 5.0 170 1.8 275 208 SA180 SA180C 200.16 244.80 1.0 5.0 180 1.55 322.2 244 SA180A SA180CA 200.0 220.0 1.0 5.0 180 1.71 291.6 221 SA190 SA190C 211.28 258.40 1.0 5.0 190 1.47 340.1 258 SA190A SA190CA 211.0 232.0 1.0 5.0 190 1.62 307.8 234 Note: For bi-directional types having VWM of 10 V and less, the IR limit is doubled FEATURES Transient Voltage Suppressor Diodes SA Series DO-204AC(DO-15) 09-08-2022 Page 4 of 7 RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified |