| データシートサーチシステム |
|
RS3MBF データシート(PDF) 1 Page - UN Semiconducctor INC |
|
|
|||||||||||||||||||||||||||||
RS3MBF データシート(HTML) 1 Page - UN Semiconducctor INC |
|
1 / 4 page ![]() RS3ABF~RS3MBF ROHS Revision March 1,2022 www.unsemi.com.tw www.unsemi.com.tw For technical questions, contact: tech@unsemi.com.tw Specifications are subject to change without notice. Please refer to www.unsemi.com.tw for current information. 1/3 Surface Mount Fast Recovery Rectifiers Features Mechanical Data For surface mounted applications Low profile package Glass passivated chip junction Easy to pick and place Fast reverse recovery time Lead free in comply with EU RoHS 2011/65/EU directives Case: SMBF Quantity Per Reel : 3,000pcs Approx. Weight : 57mg/0.002oz Terminals: Solderable per MIL-STD-750, Method 2026 1:Cathode 2:Anode Parameter Symbol RS3ABF RS3BBF RS3DBF RS3GBF RS3JBF RS3KBF RS3MBF Units VRRM VRMS VDC VF IR IR Cj trr R θJA R θJC TJ,Tstg V V V V pF nS ℃ Ta=25℃ Ta=125℃ ( 1) Note:(1) Measured with IF=0.5A, IR=1A, Irr=0.25A. (2) P.C.B. mounted with 2.0" X 2.0" (5 X 5cm) copper pad areas. Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Forward Voltage at 3A Typical Junction Capacitance at VR=4V, f=1MHz Maximum Reverse Recovery Time Operating and Storage Temperature Range 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 SMBF Peak Forward Surge Current,8.3ms Single Half Sine-wave Superimposed on Rated Load Maximum DC Reverse Current at Rated DC Reverse Voltage ( 2) IFSM A 80 1.3 5.0 100 250 500 150 -55 ~ +150 45 15 40 μA Typical Thermal Resistance Maximum Ratings and Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%. 1 2 Maximum Average Forward Rectified Current at Tc=125℃ IF(AV) 3.0 A ℃/ W |
同様の部品番号 - RS3MBF |
|
同様の説明 - RS3MBF |