| データシートサーチシステム |
|
FSMD050-1210-R データシート(PDF) 6 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
FSMD050-1210-R データシート(HTML) 6 Page - RFE international |
|
6 / 6 page ![]() Warning: - Each product should be carefully evaluated and tested for their suitability of application. - Operation beyond the specified maximum rating or improper use may result in damage and possible electrical arcing and/or flame. - PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent condition and/or prolonged trip are not anticipated. - Avoid contact of PPTC device with chemical solvent, including some inert material such as silicone based oil, lubricant and etc. Prolonged contact will damage the device performance. - Additional protection mechanism are strongly recommended to be used in conjunction with the PPTC device for protection against abnormal or failure conditions. - Avoid use of PPTC device in a constrained space such as potting material, housing and containers where have limited space to accommodate device thermal expansion and/or contraction DEC-19-2023 Page 6 of 6 RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc. NO. PQ19-01ER Surface Mount PPTC Resettable Fuse: FSMD1210 Series |