| データシートサーチシステム |
|
SAA7215HS/C2 データシート(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7215HS/C2 データシート(HTML) 17 Page - NXP Semiconductors |
|
17 / 20 page ![]() 1999 Aug 25 17 Philips Semiconductors Preliminary specification STB5860 (Set-Top Box) STB concept OM5730 How can we get the supplied ‘hello world’ application running if we work with a PC and a ROM emulator? Connect the emulator to the STB5860 board via the extension board. Then connect the PC RS232 port to the STB5860 RS232 port. The program is running pSOS as the read-time software. You need the pSOS libraries to build the software. Compile the platform layer (drivers), the board support package and the ‘hello world’ program. Load the executable in the ROM emulator and start the program. You will see the ‘hello world’ text on the debug window. You are now ready to start writing your own application, with help from the programmers reference documentation and user guide. |