データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P82C150AHT データシート(PDF) 8 Page - NXP Semiconductors

部品番号 P82C150AHT
部品情報  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AHT データシート(HTML) 8 Page - NXP Semiconductors

Back Button P82C150AHT Datasheet HTML 4Page - NXP Semiconductors P82C150AHT Datasheet HTML 5Page - NXP Semiconductors P82C150AHT Datasheet HTML 6Page - NXP Semiconductors P82C150AHT Datasheet HTML 7Page - NXP Semiconductors P82C150AHT Datasheet HTML 8Page - NXP Semiconductors P82C150AHT Datasheet HTML 9Page - NXP Semiconductors P82C150AHT Datasheet HTML 10Page - NXP Semiconductors P82C150AHT Datasheet HTML 11Page - NXP Semiconductors P82C150AHT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1996 Jun 19
8
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
7
FUNCTIONAL DESCRIPTION
7.1
I/O functions
The P82C150 provides 16 port pins (P15 to P0) which are
individually configurable via CAN-bus. Besides the digital
I/O functions some of these port pins provide analog I/O
functions.
7.1.1
DIGITAL INPUT FUNCTIONS
Input levels HIGH and LOW on the port pins (P15 to P0)
can be read in two ways by the host node:
• Polling: a Remote Frame is sent to the P82C150 to be
answered by a Data Frame containing the Data Input
Register contents.
• Event capture: in case of edge-triggered mode, the
P82C150 sends the same Data Frame caused by the
event of a rising and/or falling edge on the
corresponding port pins (see Table 3).
7.1.2
DIGITAL OUTPUT FUNCTIONS
The Data Output Register is set via a CAN message.
Its content is only output when the corresponding bits of
the Output Enable Register are set to logic 1s.
7.1.3
ANALOG INPUT/OUTPUT FUNCTIONS
• Up to six multiplexed analog input signals for
analog-to-digital conversion or general purpose
• Up to two quasi-analog output channels (DPM;
Distributed Pulse Modulation)
• Two input comparators, for example for window
comparator applications
• A separate analog-to-digital input comparator with
feedback output.
Analog-to-digital converted digital results are obtained by
reading the Analog-to-Digital Conversion (ADC) Register.
Analog functions of each port pin are individually
controlled by the Analog Configuration Register.
Writing the I/O registers is done serially via CAN-bus by
Data Frames. The first data byte contains the register
address, and the second and third data bytes represent
the register contents. If a read only register is addressed,
the contents of the second and third data bytes are
ignored.
It is recommended to set unused port pins to HIGH
(100 k
Ω resistor to VDD).
Fig.4 I/O port pins.
handbook, halfpage
Px
MHA068
DIx
DOx
OEx
3-state buffer
P82C150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36