データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P83C524IFP データシート(PDF) 39 Page - NXP Semiconductors

部品番号 P83C524IFP
部品情報  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFP データシート(HTML) 39 Page - NXP Semiconductors

Back Button P83C524IFP Datasheet HTML 35Page - NXP Semiconductors P83C524IFP Datasheet HTML 36Page - NXP Semiconductors P83C524IFP Datasheet HTML 37Page - NXP Semiconductors P83C524IFP Datasheet HTML 38Page - NXP Semiconductors P83C524IFP Datasheet HTML 39Page - NXP Semiconductors P83C524IFP Datasheet HTML 40Page - NXP Semiconductors P83C524IFP Datasheet HTML 41Page - NXP Semiconductors P83C524IFP Datasheet HTML 42Page - NXP Semiconductors P83C524IFP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
1997 Dec 15
39
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
14.3
Interrupt Vectors
The interrupt vectors are listed in Table 25.
Table 24 Description of the IP bits
Table 25 Interrupt vectors
BIT
SYMBOL
FUNCTION
7
−
reserved
6
PS1
Bit-level I2C interrupt priority level
5
PT2
Timer 2 interrupt priority level
4PS
Serial Port interrupt priority level
3
PT1
Timer 1 interrupt priority level
2
PX1
External interrupt 1 priority level
1
PT0
Timer 0 interrupt priority level
0
PX0
External interrupt 0 priority level
NUMBER
SOURCE
PRIORITY WITHIN LEVEL
VECTOR ADDRESS
1
IE0
(highest)
0003H
2
TF2+EXF2
−
002BH
3
SI (I2C)
−
0053H
4
TF0
−
000BH
5
IE1
−
0013H
6
TF1
−
001BH
7
RI + TI
(lowest)
0023H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76