| データシートサーチシステム |
|
CP30205N データシート(PDF) 1 Page - Electronic Components Ltd. |
|
|
|||||||||||||||||||||||||||||
CP30205N データシート(HTML) 1 Page - Electronic Components Ltd. |
|
|
1 / 1 page ![]() CLIFF Cliff Electronic Components Limited, Redhill, Surrey 1 2 U.K. RH PF Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012 76 Holmethorpe Avenue, Holmethorpe Ind. Estate, www.cliffuk.co.uk üRoHS © 05/2020 .1 CLIFF ISS For further information, contact sales@cliffuk.co.uk Notes: 2. Plastic Frame: Polyamide UL94 V2 1.Insert: ABS UL94 HB 6. Operating Temperature: -20°C to 50°C 2. Current rating: 1.8 A max 3. Metal Frame: Diecast, Black or Nickel plated 5. Dielectric withstanding voltage: 500V AC 5. Shell: Nickel plated steel 6. Contacts: Gold Plated 1. Voltage rating: 30V ac 4. Inner Overmouldings: PE + PVC 3. Contact resistance: 50mΩ max Material: 4. Insulation resistance: 20MΩ min VARIANTS Part No. CP30205NXW USB3.0 A-A White plastic frame, PLAIN holes CP30205N USB3.0 A-A Black plastic frame, CSK holes CP30205NM USB3.0 A-A Nickel plated metal frame, CSK holes CP30205NM3 USB3.0 A-A Nickel plated metal frame, M3 holes CP30205NX USB3.0 A-A Black plastic frame, PLAIN holes CP30205NM3B USB3.0 A-A Black metal frame, M3 holes CP30205NW USB3.0 A-A White plastic frame, CSK holes Please note: Functionality is affected by cable quality, length and cable wiring configuration. CP30205NMB USB3.0 A-A Black metal frame, CSK holes General: l Low rear profile l Fits standard XLR Ø24mm cutout. Feedthrough Features l No soldering or punch termination. Use standard cable for each connector style. l Front or rear mounted. USB3.0 A-A FEEDTHROUGH CONNECTOR |
同様の部品番号 - CP30205N |
|
同様の説明 - CP30205N |