データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC90 データシート(PDF) 8 Page - Endress+Hauser Group Services AG

部品番号 CDC90
部品情報  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EH [Endress+Hauser Group Services AG]
ホームページ  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 データシート(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 4Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 5Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 6Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 7Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 8Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 9Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 10Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 11Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Liquiline Control CDC90
8
Endress+Hauser
Pneumatic control unit
1 measuring point
6
7
8
9
10
11
12
13
14
1
2
3
4
5
A0044121
 6
Pneumatic control unit for one measuring point
1
100 / 230 VAC terminal
8
Pilot valves
2
+24 V terminal
9
Mounting
3
0 V terminal
10
Cable gland
4
Terminals for float switches and pressure switches
11
24 VDC power unit
5
Output interface terminal for assemblies, limit position
switch
12
F1 system fuse
6
Pressure switch
13
Pilot valve manifold, bus node
7
External remote IO, DIO
14
Ventilation slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com