| データシートサーチシステム |
|
CLM223 データシート(PDF) 18 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CLM223 データシート(HTML) 18 Page - Endress+Hauser Group Services AG |
|
18 / 20 page ![]() Liquisys M CLM223/253 18 Endress+Hauser Post mounting kit • For securing the field housing to horizontal and vertical posts and pipes • Material: stainless steel 1.4301 (AISI 304) • Order No. 50086842 70 (2.76) 90 (3.54) Ø 6 (0.24) M6 90 (3.54) 70 (2.76) Ø max. 60 (2.36) A0024660 14 Dimensions in mm (inch) Universal post CYY102 • Square pipe for mounting transmitters • Material: stainless steel 1.4301 (AISI 304) • Order No. CYY102-A 60 x 60 (2.36 x 2.36) 120 (4.72) A0024659 15 Dimensions in mm (inch) |