| データシートサーチシステム |
|
CLS13 データシート(PDF) 2 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CLS13 データシート(HTML) 2 Page - Endress+Hauser Group Services AG |
|
2 / 8 page ![]() Condumax CLS13 2 Endress+Hauser Function and system design Measuring principle AC I U A0024260 1 Conductive measurement of conductivity AC Alternating voltage source I Current intensity measurement U Voltage measurement Conductivity of liquids is determined with a measuring arrangement where two electrodes are located in the medium. An alternating voltage that causes a current to flow through the medium is applied at these electrodes. The electrical resistance, or its reciprocal value - conductance G - is calculated based on Ohm's law. The specific conductance κ is determined from the conductance value using the cell constant k, which depends on the sensor geometry. Measuring system A complete measuring system consists of the following components at least: • The contacting conductivity sensor CLS13 • A transmitter, e.g. Liquiline M CM42 • A measuring cable, e.g. CYK71 for analog sensors 1 2 3 4 A0046736 2 Example of a measuring system 1 Sensor CLS13 2 Transmitter CM42 3 Sensor cable 4 Pipe nozzle, process connection |