| データシートサーチシステム |
|
CML18 データシート(PDF) 9 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CML18 データシート(HTML) 9 Page - Endress+Hauser Group Services AG |
|
9 / 16 page ![]() Liquiline Mobile CML18 Endress+Hauser 9 Status according to NAMUR NE107 categories: NAMUR indicator Status OK The device and sensor are working reliably. F Failure of device or sensor. F status signal as per NAMUR NE107 M Device or sensor requires maintenance. M status signal as per NAMUR NE107 C Device or sensor undergoing function check. C status signal as per NAMUR NE107 S Device or sensor being operated out of specification. S status as per NAMUR NE107 Structure of the measurement window The measurement window has 3 measuring screens, which the user can scroll through: Measuring screen (1 of 3) Measuring screen (2 of 3) Measuring screen (3 of 3) Main value Main and secondary measured value All measured values of the sensor input LED status indicator The status LED is used for the quick visualization of the sensor status. LED behavior Status Solid green Sensor working correctly Solid red No sensor connected Flashes red Sensor error Operation via SmartBlue app The SmartBlue App is available for download from the Google Play Store for Android devices and from the Apple App Store for iOS devices. Download the SmartBlue App. ‣ Use the QR codes to download the app. A0033202 6 Download links System requirements • iOS devices: iPhone 4S or higher from iOS9.0; iPad2 or higher from iOS9.0; iPod Touch 5th generation or higher from iOS9.0 • Devices with Android: from Android 4.4 KitKat and Bluetooth® 4.0 • Internet access ‣ Open the SmartBlue App. |