データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EE451 データシート(PDF) 7 Page - E+E Elektronik Ges.m.b.H

部品番号 EE451
部品情報  Wall-mounted Temperature Sensor for Indoor and Outdoor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPLUSE [E+E Elektronik Ges.m.b.H]
ホームページ  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE451 データシート(HTML) 7 Page - E+E Elektronik Ges.m.b.H

  EE451 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Datasheet EE451
v1.9 / Modification rights reserved | 7
Ordering Guide
Feature
Description
Code
EE451-
Model
Active
M3
Passive
M7
Output
0 - 10 V
A3
4 - 20 mA
A6
RS485
J3
T sensor passive1)
(R-T-characteristics see
www.epluse.com/ee451)
Pt100 DIN B
TP2
Pt1000 DIN B
TP4
NTC 20k, B4286
TP6
Ni1000, TK6180 DIN B
TP9
NTC 10k, B3950
TP11
Ni1000, TK5000 DIN B
TP19
Display
Without display
No code
Display
D1
Output (T) measurand
Temperature [°C]
No code
Temperature [°F]
MA2
Output (T) scaling low
0
No code
Value (within the working range)
SALValue
Output (T) scaling high
50
No code
Value (within the working range)
SAHValue
Protocol
Modbus RTU2)
P1
BACnet MS/TP3)
P3
Baud rate
9 600
BD5
19 200
BD6
38 400
BD7
57 600 (for BACnet only)
BD8
76 800 (for BACnet only)
BD9
115 200 (for BACnet only)
BD10
1) Other passive sensor types are available on request for a minimum order quantity of 500 pcs.
2) Factory settings: Parity even, stop bit 1. Modbus Map and communication setting: see User Guide and Modbus Application Note
at www.epluse.com/ee451.
3) Product Implementation Conformance Statement (PICS) available at www.epluse.com/ee451.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com