| データシートサーチシステム |
|
IXFN360N15T2 データシート(PDF) 3 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
IXFN360N15T2 データシート(HTML) 3 Page - Inchange Semiconductor Company Limited |
|
3 / 3 page ![]() ISFM1088 eq IXFN360N15T2 N-Channel MOSFET www.iscsemi.com 3 PACKAGE DIMENSIONS (UNIT: mm): PRODUCT DISCLAIMER ISC reserves the rights to make changes of the content herein the datasheet at any time without notification. The information contained herein is presented only as a guide for the applications of our products. ISC products are intended for usage in general electronic equipment. The products are not designed for use in equipment which require specialized quality and/or reliability, or in equipment which could have applications in hazardous environments, aerospace industry, or medical field. Please contact us if you intend our products to be used in these special applications. ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose, nor does ISC assume any liability arising from the application or use of any products, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. DIM Millimeter min max A 31.40 31.60 B 7.70 8.10 C 4.20 4.40 D 4.20 4.40 E 4.10 4.40 F 14.90 15.10 G 30.10 30.30 H 38.00 38.40 J 12.00 12.60 K 9.35 9.65 L 0.74 0.84 M 12.30 12.70 N 24.40 25.00 0 1.90 2.10 P 2.92 3.32 Q 26.60 27.00 R 3.80 4.20 S 4.95 5.45 T 23.70 24.30 U 0 0.10 V 3.50 5.50 W 20.15 20.45 Z 2.50 2.70 |